PART |
Description |
Maker |
2SA1257 |
High breakdown voltage. Small output capacitance.Collector-base voltage VCBO -180 V
|
TY Semiconductor Co., Ltd
|
74HC HCMOS 74HCT 74HCU |
: Conductor AWG#18 to #22; Termination Style: Crimping; Current Rating(Amps)(Max.): 5; Contact Mating Area Plating: Palladium; Operating Temperature Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:100V; Transistor Polarity:N Channel; C-E Breakdown Voltage:100V; DC Current Gain Min (hfe):30; Package/Case:R245; Collector Base Voltage:120V HCMOS family characteristics
|
Philips Semiconductors NXP Semiconductors
|
2N6515 |
High voltage transistor. Collector-emitter voltage: Vceo = 250V. Collector-base voltage: Vcbo = 250V. Collector dissipation: Pc(max) = 625mW.
|
USHA India LTD
|
3DD102B |
Collector-Emitter Breakdown Voltage-: V(BR)CEO= 150V(Min.)
|
Inchange Semiconductor ...
|
BD950 |
Collector-Emitter Breakdown Voltage-: V(BR)CEO= -60V(Min)
|
Inchange Semiconductor ...
|
2SD1006 |
High collector to emitter voltage: VCEO 100V. Collector-base voltage VCBO 100 V
|
TY Semiconductor Co., Ltd
|
2SC3120 |
Collector-base voltage VCBO 30 V Collector-emitter voltage VCEO 15 V
|
TY Semiconductor Co., Ltd
|
2SC3513 |
Collector-base voltage VCBO 15 V Collector-emitter voltage VCEO 11 V
|
TY Semiconductor Co., Ltd
|
HCF4001BEY HCF4001BM1 HCF4001M013TR HCF4001B |
RF Bipolar Transistor; Collector Emitter Voltage, Vceo:3V; Transistor Polarity:Dual P Channel; Power Dissipation:150W; C-E Breakdown Voltage:200V; DC Current Gain Min (hfe):35; Collector Current:15A; DC Current Gain Max (hfe):160 QUAD 2-INPUT NOR GATE
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
1.5KA9.1A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA1 |
Automotive Transient Voltage Suppressors Breakdown Voltage 43V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 8.2V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 9.1V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 7.5V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 6.8V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 39V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 36V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 33V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 30V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 27V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 24V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 22V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 20V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 18V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 16V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 15V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 13V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 12V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 11V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 10V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors 汽车瞬态电压抑制器
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
2SC5439 EE08313 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTA SWITCHINGM DC-DC CONVERTER, INVERTER LIGHTING APPLICATIONS) npn型三重扩散型(开关稳压器,高沃尔SWITCHINGM的DC - DC转换器,逆变照明应用 NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR HIGH VOLTA SWITCHINGM DC-DC CONVERTER INVERTER LIGHTING APPLICATIONS) From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|